PART |
Description |
Maker |
AME8753 AME8753AEZA2533Z |
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
|
Analog Microelectronics
|
LT3029MPMSE LT3029IDE LT3029IDEPBF LT3029IDETR LT3 |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
MAX1806EUA MAX1806 MAX1806EUA15 MAX1806EUA18 MAX18 |
500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in UMAX 500mA Low-Voltage Linear Regulator in UMAX From old datasheet system 3A Fixed Low Dropout Linear Regulator (LDO)
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
APL5551 |
Dual Channel 500mA/500mA Regulator Reset IC
|
Anpec Electronics
|
G936T83T G936 G936T21B G936T21T G936T22B G936T22T |
3.6 V, 500 mA low dropout regulator 3.6V 500mA/400mA Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
GMT[Global Mixed-mode Technology Inc] Global Mixed-mode Technology Inc.
|
AMS3106M1-XXBP AMS3106AM1-XXPG AMS3106AM1-XXBP AMS |
500mA LOW DROPOUT VOLTAGE REGULATOR
|
Advanced Monolithic Systems
|
PL0501 |
500mA Low-Dropout Linear Regulator
|
Power IC Ltd.
|
AMS3107-50 AMS3107N-20 AMS3107N-25 AMS3107N-30 AMS |
500mA LOW DROPOUT VOLTAGE REGULATOR
|
Advanced Monolithic Systems http:// Advanced Monolithic Sys...
|
SS6735-20GETR SS6735-20GUTR SS6735-20GXTR SS6735-2 |
500mA Low Dropout Linear Regulator
|
Silicon Standard Corp.
|
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|
G9612CTEU G9612ATEU G9612DTEU |
3.3 V, 500mA low-dropout linear regulator with reset 3.4 V, 500mA low-dropout linear regulator with reset 2.5 V, 500mA low-dropout linear regulator with reset
|
Global Mixed-mode Technology
|